Part Number Hot Search : 
TEGRA M81LS97 2SB1731 KE04RXGR 1002G NCE4435 30005 PEMB16
Product Description
Full Text Search
 

To Download CPH6401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN6152A
N-Channel Silicon MOSFET
CPH6401
Ultrahigh-Speed Switching Applications
Features
* Low ON-resistance. * Ultrahigh-speed switching. * 2.5V drive.
Package Dimensions
unit:mm 2151A
[CPH6401]
0.2
0.05 2.9 6 5 4 0.15
0.6
1 2 3 0.95
0.6
1.6
2.8
0.4
1 : Drain 2 : Drain 3 : Gate 4 : Source 5 : Drain 6 : Drain SANYO : CPH6
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2x0.8mm) Conditions
0.7 0.9
0.2
Ratings 20 12 4 16 1.6 150 -55 to +150
Unit V V A A W C C
Electrical Characteristics at Ta = 25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 Ciss Coss Crss ID=1mA, VGS=0 VDS=20V, VGS=0 VGS=8V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=2A ID=2A, VGS=4V ID=1A, VGS=2.5V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz 0.4 5 7.2 55 75 300 180 90 75 105 Conditions Ratings min 20 10 10 1.3 typ max Unit V A A V S m m pF pF pF
Marking : KA
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
50701TS (KOTO) TA-2126 No.6152-1/4
CPH6401
Continued from preceding page.
Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit VDS=10V, VGS=10V, ID=4A VDS=10V, VGS=10V, ID=4A VDS=10V, VGS=10V, ID=4A IS=4A, VGS=0 Ratings min typ 10 50 68 58 18 1 3 0.85 1.2 max Unit ns ns ns ns nC nC nC V
Switching Time Test Circuit
4V 0V VIN VDD=10V ID=2A RL=5 D VOUT
VIN PW=10s D.C.1%
G
CPH6401 P.G 50 S
4.5 4.0
ID - VDS
8.0V 6.0V
2.0 V
8 7
ID - VGS
-25 C
Ta=
25 C
1.0
10.0
V
Drain Current, ID - A
3.0 2.5 2.0 1.5 1.0 0.5 0 0
2.5V 3.0V 4.0V
Drain Current, ID - A
3.5
6 5 4 3 2 1 0
VGS=1.5V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
Ta= -25
75 C
1.5
C
2.0
75
C 25
2.5
VDS=10V
Drain-to-Source Voltage, VDS - V
Gate-to-Source Voltage, VGS - V
140
| yf s | - I D
Forward Transfer Admittance, | yfs | - S Static Drain-to-Source On-State Resistance, RDS(on) - m
100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10
R DS(on) - VGS
Ta=25C
VDS=10V
120
C -25 Ta= 25C C 75
ID=2A
100
1A
80
60
40
20 0 0
1
2
3
4
5
6
7
8
C
9 10
Drain Current, ID - A
Gate-to-Source Voltage, VGS - V
No.6152-2/4
CPH6401
140
R DS(on) - Ta
Static Drain-to-Source On-State Resistance, RDS(on) - m
120
10 7 5 3 2
I F - VSD
VGS= 0
Forward Current, IF - A
100
80
60
25C
0.6
75
40
20
0.01 7 5 3 2 0.1 0.2 0.3 0.4 0.5
0 -60
-40
-20
0
20
40
60
80
100
120
140
160
0.001 0
Ta=25
0.7 0.8
C
C
V =2.5 VGS 1A, I D= =4V A,VGS I D=2
1.0 7 5 3 2 0.1 7 5 3 2
0.9
1.0
Ambient Temperature, Ta - C
10000 7 5 3 2 1000 7 5 3 2 100 7 5 3 2 10 0 2 4 6 8 10 12 14 16 18 20
Diode Forward Voltage, VSD - V
10
Ciss,Coss,Crss - VDS
f = 1MHz
VGS - Q g
VDS=10V ID =4A
Gate-to-Source Voltage, VGS - V
9 8 7 6 5 4 3 2 1 0 0
Ciss, Coss, Crss - pF
Ciss
Coss
Crss
2
4
6
8
10
12
14
16
18
Drain-to-Source Voltage, VDS - V
Total Gate Charge, Qg - nC
SW Time - I D
1000 7 5
ASO
3 2 10 7 5
VDD =10V VGS=4V
IDP=16A ID=4A
100s
1m
Switching Time, SW Time - ns
Drain Current, ID - A
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 0.1 2 3 5 7 1.0 2 3 5
10
10
DC op
s
td(off)
3 2 1.0 7 5 3 2 0.1 7 5 3 2
0m
ms
s
tf td(on)
tr
er
at
io
n
Operation in this area is limited by RDS(on). Ta=25C 1 Pulse Mounted on a ceramic board (900mm2x0.8mm)
2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 23
0.01 0.01
Drain Current, ID - A
2.0
Drain-to-Source Voltage, VDS - V
PD -
Ta
Allowable Power Dissipation, PD - W
1.6
M
ou
nte
do
1.2
na
ce
ram
ic
bo
0.8
ard
90
0m
m2 x0
0.4
.8m
m)
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
No.6152-3/4
CPH6401
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of May, 2001. Specifications and information herein are subject to change without notice.
PS No.6152-4/4


▲Up To Search▲   

 
Price & Availability of CPH6401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X